PART |
Description |
Maker |
BWR-12/XXXX-DXXA BWR12/XXXX-DXXA |
(BWR-xx/xxxx-DxxA) Dual Output A-Series BWR Module
|
Datel
|
T74LS113AD1 T74LS113AC1 T74LS113AM1 T74LS113AB1 |
LS SERIES, DUAL NEGATIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP14 CERAMIC, DIP-14 LS SERIES, DUAL NEGATIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PQCC20 PLASTIC, LCC-20 LS SERIES, DUAL NEGATIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 MICRO, SO-14 LS SERIES, DUAL NEGATIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP14 PLASTIC, DIP-14
|
ST Microelectronics
|
DAN217 DAN217U |
Switch Mode Power Supply; Output Power:76.8W; No. of Outputs:1; Output 1 VDC :24VDC; Output Current 1:3.2A; Power Supply Mounting:Chassis; Output Current:3.2A; Output Power Max:76.8W; Output Voltage:24VDC; Series:JWS RoHS Compliant: Yes 开关二极管 Switching diode
|
Rohm Co., Ltd.
|
HD74ALVC2G126 HD74ALVC2G126USE |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC2G Series Dual Bus Buffer with 3-state Output
|
Renesas Electronics Corporation
|
SLD10UAA SLD10UAY SLD10UBA SLD10UBB SLD10UBY SLD10 |
2-OUTPUT DC-DC REG PWR SUPPLY MODULE 320 x 240 pixel format, CFL backlight available with power harness SLD10系列10A非隔离式DC / DC转换器为5V.3V输入双输 320 x 240 pixel format, LED or CFL Backlight SLD10系列10A非隔离式DC / DC转换器为5V.3V输入双输 SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output SLD10系列10A非隔离式DC / DC转换器为5V.3V输入双输 SLD10 Series . 10A Non-Isolated DC/DC Converter 5V 3.3V Input Dual Output SLD10 Series . 10A Non-Isolated DC/DC Converter 5V/ 3.3V Input Dual Output
|
POWER-ONE INC Electronic Theatre Controls, Inc. POWER-ONE[Power-One]
|
TQD100YGE TQD100YGE-A TQD100ZGE-A TQD080Z2.0-A TQD |
DUAL OUTPUT, 100 WATT DUAL OUTPUT/ 100 WATT 2-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 240 x 320 pixel format (portrait mode), Compact LCD size 双输出,100
|
POWER-ONE[Power-One] Power-One, Inc.
|
NLU2G07AMX1TCG |
Dual Non-Inverting Buffer with Open Drain Output 2G SERIES, DUAL 1-INPUT NON-INVERT GATE, DSO6
|
ON Semiconductor
|
ICS83023AMIT ICS83023AMILF ICS83023AMILFT |
DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER 83023 SERIES, LOW SKEW CLOCK DRIVER, 1 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8
|
Integrated Device Technology, Inc.
|
MAX742CPP 1157 MAX742 MAX742EPP MAX742CWP MAX742EW |
Switch-Mode Regulator with 5V to ±12V or ±15V Dual Output Switch-Mode Regulator with 5V to 【12V or 【15V Dual Output From old datasheet system Switch-Mode Regulator with 5V to 12V or 15V Dual Output
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|